Part Number Hot Search : 
PA2003 M38510 TC5514 2SK2559 245PA N5253 DSB3A30 2SD1862
Product Description
Full Text Search
 

To Download 5STP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 5ST / 5STP
5STD0106
W5STD0405-A1
5 x 20mm Glass Tube RoHS Compliant
Time-lag Fuse Series (Low Breaking Capacity)
Catalog Number RoHS Suffix Ampere Rating Typical Volt-drop Melting I2T Melting I2T Maximum Cold @100% In < 10 mSec @10 In Power Resistance Dissipation 2 Sec) 2 Sec) (ohm) (Volt) max. (A (A (W)
5ST (P) 63 5ST (P) 80 5ST (P) 100 5ST (P) 125
Rated Current 63mA to 100mA 125mA to 12.5A
1.5 In 2.1 In MIN MAX 2.75 In MIN 4 In 10 In MAX MIN MAX MIN MAX
Electrical Characteristics (IEC-127-2 STANDARD SHEET 3)
5ST (P) 160 5ST (P) 200 5ST (P) 250 5ST (P) 315 5ST (P) 400 5ST (P) 500 5ST (P) 630 5ST (P) 800 5ST (P) 1 5ST (P) 1.25 5ST (P) 1.6 5ST (P) 2 5ST (P) 2.5 5ST (P) 3.15 5ST (P) 4 5ST (P) 5 5ST (P) 6.3 5ST (P) 8 5ST (P) 10 5ST (P) 12.5
1 1 hr.
2 2 min.
200 600 ms
10 10 sec
40 150 ms
3 3 sec
10 20 ms
300 300 ms
Approvals
sd m r Scc
Amp range / Volt @ I.R. ability
Safety Agency Approvals
s d m
r
c
Certificate No. 0045061 License No. 40000507 Certificate No. EM231 Recognized File No. E20624 63mA - 10A / 250V AC@ 35A or 10 In whichever is greater 63mA - 6.3A / 250V AC@ 35A or 10 In whichever is greater 63mA - 6.3A / 250V AC@ 35A or 10 In whichever is greater
S Acceptance File No. LR39772
Licence No. 2003010207030316
RoHS Compliant Product
For RoHS Compliant Version, add suffix "R" after catalog number
Operating Temperature
-55C to +125C
Physical Specification
Materials Glass body / Nickel Plated Brass Caps Lead wire: Tin plated copper alloy, Diameter 0.032", 6.3A and less Diameter 0.040", 8A and above Marking On fuse: "bel", "T", "Current Rating", "L", "250V" , "Appropriate Safety Logos", "" (RoHS Version) On label: "bel", "5ST" or "5STP", "Current Rating", "Voltage Rating", "Interrupting Rating", "Appropriate Safety Logos" and " "+ suffix "R" for RoHS Version Packaging 1.In bulk: 5ST - 1,000 pcs per box; 5STP - 500 pcs per box 2. On Axial Tape & Reel: 1,500 pcs per reel 3. Tape & Reel specification: per EIA-296-E & IEC 286-1 @ 10mm Pitch and 63.5mm inside Tape Spacing
-R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R
63mA 80mA 100mA 125mA 160mA 200mA 250mA 315mA 400mA 500mA 630mA 800mA 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A 12.5A
23.9 15.7 10.3 6.8 4.4 2.9 1.9 1.3 0.82 0.54 0.22 0.15 0.095 0.06 0.04 0.03 0.02 0.018 0.014 0.011 0.008 0.006 0.005 0.004
2.77 2.24 1.82 1.47 1.19 0.97 0.78 0.63 0.51 0.42 0.17 0.15 0.13 0.09 0.09 0.08 0.07 0.07 0.06 0.06 0.06 0.06 0.06 0.06
0.008 0.015 0.03 0.05 0.08 0.15 0.26 0.46 0.81 1.4 0.9 1.6 2.4 4.1 6.9 12 20 33 56 95 160 260 439 490
0.021 0.036 0.06 0.11 0.19 0.33 0.58 1.01 1.76 3.1 1.5 2.5 3.3 5.5 8.9 15 24 39 64 105 173 282 461 679
0.28 0.29 0.30 0.30 0.31 0.32 0.32 0.33 0.34 0.34 0.18 0.20 0.17 0.19 0.23 0.26 0.31 0.36 0.42 0.49 0.57 0.8 1.0 1.7
Consult manufacturer for other ratings
Mechanical Dimensions
0.787" 0.02" (20 0.5mm) 0.20" 0.004" (5.1 0.1mm)
Specifications subject to change without notice
5ST
1.5" 0.08" (38.1 2mm)
0.827" 0.02" (21.0 0.5mm)
0.217" 0.004" (5.5 0.1mm)
5STP
SEE LEAD SIZE LISTED IN " MATERIAL"
ORDERING INFORMATION SEE LAST 2 PAGES
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
43
Type 5ST / 5STP
5 x 20mm Glass Tube RoHS Compliant
W5STC0405-A1
Time-lag Fuse Series (Low Breaking Capacity)
5STC1005
E5STC1005A1
5ST / 5STP - TIME CURRENT CHARACTERISTIC CURVE
- 63mA - 80mA - 100mA - 125mA - 160mA - 200mA - 250mA - 315mA - 400mA - 500mA - 630mA - 800mA - 1A - 1.25A - 1.6A - 2A - 2.5A - 3.15A - 4A - 5A - 6.3A - 8A - 10A - 12.5A 10000 1000
TIME IN SECONDS
100
10
1
0.1
0.01 0.01 0.1 1 10 100 1000
CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08
Corporate Office Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com
Far East Office Bel Fuse Ltd.
8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd.
Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366
Specifications subject to change without notice
44


▲Up To Search▲   

 
Price & Availability of 5STP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X